PART |
Description |
Maker |
2954798 |
EMG 45-DIO 8E/LP
|
PHOENIX CONTACT
|
ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55 |
Surface Mount Zener Dio de
|
SeCoS Halbleitertechnologie GmbH
|
RS401L |
DIO GBR 50V0 4A00 1PH 04SIP RS401L 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diodes, Inc.
|
NTE2945 |
SM DIO/SMBJ12A SMB UNI-DIR MOSFET的N沟道,增强模式高速开 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
1N4148W BAV16W |
SOD-123 Plastic-Encapsulate Diodes SOD-123 Plastic-Encapsulate Dio des
|
美丽微半导体有限公司 Formosa MS
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HIF3B-50DA-2.54R HIF3B-34PA-2.54DS HIF3B-34PA-2.54 |
NS30 VOLT 600 WATT UNI-DIR DO-214. CONN MODULAR JACK 6-6 RT ANG SMD CONN MODULAR JACK 8-8 RT ANG SMD DIODE ZENER SINGLE 1000mW 5.6Vz 100mA-Izt 0.05 5uA-Ir 2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 100mA-Izt 0.05 5uA-Ir 3 SMA 5K/REEL DIODE, ZENER, 12V, 1W, SMD SMA DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11.4 SMA 5K/REEL TVS UNIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 20Vz 25mA-Izt 0.05 0.5uA-Ir 15.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 10Vz 50mA-Izt 0.05 1uA-Ir 7.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 39Vz 10mA-Izt 0.05 0.5uA-Ir 29.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 8.2Vz 100mA-Izt 0.05 5uA-Ir 6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 33Vz 25mA-Izt 0.05 0.5uA-Ir 25.1 SMA 5K/REEL TVS BIDIRECT 600W 16V SMB DIODE ZENER SINGLE 1000mW 36Vz 10mA-Izt 0.05 0.5uA-Ir 27.4 SMA 5K/REEL DIO, TVS, SMBJ15CA, 15V, BI-DIR TVS UNIDIRECT 600W 14V SMB TVS BIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 18Vz 25mA-Izt 0.05 0.5uA-Ir 13.7 SMA 5K/REEL TVS UNIDIRECT 600W 28V SMB 带状电缆连接器符合MIL标准兼容 TVS UNIDIRECT 600W 160V SMB 带状电缆连接器符合MIL标准兼容 DIODE, TRANSIENT SUPPRESSOR, 33V, 13.8A 带状电缆连接器符合MIL标准兼容 TVS UNI-DIR 33V 600W SMB 带状电缆连接器符合MIL标准兼容 Ribbon Cable connector Compliant with MIL Standard 带状电缆连接器符合MIL标准兼容 TVS BIDIRECT 600W 30V SMB 带状电缆连接器符合MIL标准兼容
|
http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|